Part Number Hot Search : 
V300C24 R2A33 DTC114 18R104C SN74LS47 5DU121 SKIIP3 MAX924
Product Description
Full Text Search
 

To Download QTLP614CRGB Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SURFACE MOUNT LED LAMP
COMPACT RIGHT ANGLE FULL COLOR
QTLP614CRGB Red/Green/Blue PACKAGE DIMENSIONS
Pin 2 0.127 (3.2) Pin 1
0.04 (1.0)
G B
R
0.0079 (0.2) Pin 4 COMMON ANODE
Pin 3
0.0788 (2.0) RESIN
PCB
0.06 (1.5)
0.0197 (0.5) 0.0012 0.0197 (0.30) 0.0197 (0.50) (0.50)
0.0227 (0.575)
0.0227 (0.575)
COMMON ANODE 0.0148 (0.375)
R0.0119 (0.30) Pin 4 (Common Anode) Pin 1 (Red) Pin 2 (Green) Pin 3 (Blue)
Applications
* LCD edge-lighting * Edge card lighting
NOTE: Dimensions for all drawings are in inches (mm).
Description
This compact right angle surface mount chip LED emits light in the lateral direction. Miniature size and wide viewing angle make this LED an ideal choice for edge-lighting LCD displays. This device utilizes an InGaN/Sapphire blue, InGan Green, and AllnGap Red LED.
Features
* Miniature footprint - 3.2(L) X 1.0(W) X 1.5(H) mm * Wide viewing angle of 160 * Water clear optics * Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel
(c) 2003 Fairchild Semiconductor Corporation
Page 1 of 7
4/10/03
SURFACE MOUNT LED LAMP
COMPACT RIGHT ANGLE FULL COLOR
QTLP614CRGB Red/Green/Blue ABSOLUTE MAXIMUM RATINGS (TA =25C Unless otherwise specified)
Rating Parameter Operating Temperature Storage Temperature Lead Soldering Time Continuous Forward Current Peak Forward Current (Duty Factor = 10%, tP = 0.1 ms) Reverse Voltage (IR = 100 A) Power Dissipation Symbol R TOPR TSTG TSOL IF IFM VR PD 78 30 100 G -30 to +80 -40 to +85 260 for 5 sec 20 80 5 84 84 20 80 B C C C mA mA V mW Unit
ELECTRICAL / OPTICAL CHARACTERISTICS (TA =25C)
QTLP614C-RGB Part Number R Luminous Intensity (mcd) Forward Voltage (V) Dominant Wavelength (nm) Peak Wavelength (nm) Viewing Angle () min: typ: typ: max: 40 110 2.0 2.6 625 636 G 63 100 3.5 4.2 525 523 160 B 25 40 3.5 4.2 470 468 IF = 20mA IF = 20mA IF = 20mA IF = 20mA IF = 20mA Condition
(c) 2003 Fairchild Semiconductor Corporation
Page 2 of 7
4/10/03
SURFACE MOUNT LED LAMP
COMPACT RIGHT ANGLE FULL COLOR
QTLP614CRGB Red/Green/Blue TYPICAL PERFORMANCE CURVES
Fig. 1A Forward Current vs. Forward Voltage
100
Fig. 1B Forward Current vs. Forward Voltage
100
FORWARD CURRENT (IF)-mA
GREEN
FORWARD CURRENT (IF)-mA
10
RED
10
BLUE
1
1
0.1 2.0
2.5
3.0
3.5
4.0
0.1 1.5
1.7
1.9
2.1
2.3
2.5
FORWARD VOLTAGE (VF)-V
FORWARD VOLTAGE (VF)-V
Fig. 2A Luminous Intensity vs. Forward Current
1.2 1.4
Fig. 2B Luminous Intensity vs. Forward Current
LUMINOUS INTENSITY (%) (NORMALIZED AT 20 mA)
1.2 1.0 0.8 0.6 0.4 0.2 0 0
RED
LUMINOUS INTENSITY (%) (NORMALIZED AT 20 mA)
1.0 0.8 0.6 0.4
GREEN
BLUE
0.2 0 0 5 10 15 20 25
5
10
15
20
25
30
FORWARD CURRENT (IF) mA
FORWARD CURRENT (IF) mA
MAXIMUM FORWARD CURRENT (IF max)-mA
35 30 25
BLUE, GREEN
MAXIMUM FORWARD CURRENT (IF max)-mA
Fig. 3A Maximum Forward Current vs. Ambient Temperature
Fig. 3B Maximum Forward Current vs. Ambient Temperature
35 30 25 20 15 10 5 0 0 20 40 60 80 100
RED
20 15 10 5 0 0 20 40 60 80 100
FORWARD VOLTAGE (mA)
AMBIENT TEMPERATURE (C)
(c) 2003 Fairchild Semiconductor Corporation
Page 3 of 7
4/10/03
SURFACE MOUNT LED LAMP
COMPACT RIGHT ANGLE FULL COLOR
QTLP614CRGB Red/Green/Blue TYPICAL PERFORMANCE CURVES
Fig. 4 Relative Intensity vs. Peak Wavelength
1.0
RELATIVE INTENSITY
0.5
0 468 520 630
WAVELENGTH (nm)
Fig. 5 Radiation Diagrams
0 -30
QTLP614C-RGB
0 30
QTLP614C-RGB
G, B
-30
30
-60 R
60
-60 R
G B
60
100%
50%
0
50%
100%
100%
50%
0
50%
100%
(c) 2003 Fairchild Semiconductor Corporation
Page 4 of 7
4/10/03
SURFACE MOUNT LED LAMP
COMPACT RIGHT ANGLE FULL COLOR
QTLP614CRGB Red/Green/Blue RECOMMENDED PRINTED CIRCUIT BOARD PATTERN
Unit = inch (mm) 0.02 (0.5) 0.0118 (0.3) 0.035 (0.9)
0.0393 (1.0)
0.059 (1.5)
0.079 (2.0)
0.059 (1.5)
RECOMMENDED IR REFLOW SOLDERING PROFILE
5 sec MAX soldering time
240 C MAX
+5 C/s MAX
-5 C/s MAX
60 - 120 sec Preheating
120 - 150 C MAX
(c) 2003 Fairchild Semiconductor Corporation
Page 5 of 7
4/10/03
SURFACE MOUNT LED LAMP
COMPACT RIGHT ANGLE FULL COLOR
QTLP614CRGB Red/Green/Blue TAPE AND REEL DIMENSIONS
Unit: m
O178 1.0
O60 0.5-0
9.0 0.5
Label sticking position
12 0.15
O1.50 0.10/-0
4.00 0.10
2.00 0.05
1.75 0.10
O13.0 0.2
0.20 0.05
8.00 0.20
3.40 0.10
Polarity
4.00 0.10 3.40 0.10 3.50 0.05
3.40 0.10
(c) 2003 Fairchild Semiconductor Corporation
Page 6 of 7
4/10/03
SURFACE MOUNT LED LAMP
COMPACT RIGHT ANGLE FULL COLOR
QTLP614CRGB Red/Green/Blue
DISCLAIMER FAIRCHILD SEMICONDUCTOR RESERVES THE RIGHT TO MAKE CHANGES WITHOUT FURTHER NOTICE TO ANY PRODUCTS HEREIN TO IMPROVE RELIABILITY, FUNCTION OR DESIGN. FAIRCHILD DOES NOT ASSUME ANY LIABILITY ARISING OUT OF THE APPLICATION OR USE OF ANY PRODUCT OR CIRCUIT DESCRIBED HEREIN; NEITHER DOES IT CONVEY ANY LICENSE UNDER ITS PATENT RIGHTS, NOR THE RIGHTS OF OTHERS. LIFE SUPPORT POLICY FAIRCHILD'S PRODUCTS ARE NOT AUTHORIZED FOR USE AS CRITICAL COMPONENTS IN LIFE SUPPORT DEVICES OR SYSTEMS WITHOUT THE EXPRESS WRITTEN APPROVAL OF THE PRESIDENT OF FAIRCHILD SEMICONDUCTOR CORPORATION. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness.
(c) 2003 Fairchild Semiconductor Corporation
Page 7 of 7
4/10/03


▲Up To Search▲   

 
Price & Availability of QTLP614CRGB

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X